PART |
Description |
Maker |
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
LTC1418ACN LTC1418AIN LTC1418C LTC1418I LTC1418IN |
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O 低功耗,14位,高达200ksps的串行和并行I ADC的输输出 Quad, Low Voltage, LinCMOS(TM) Differential Comparator 14-SOIC 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Quad, Low Voltage, LinCMOS(TM) Differential Comparator 14-TSSOP 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Low Power/ 14-Bit/ 200ksps ADC with Serial and Parallel I/O
|
Linear Technology, Corp.
|
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
TC3404 TC3404VPE TC3404VQR |
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
|
MICROCHIP[Microchip Technology]
|
MAX1488 MAX1488E MAX1488ECPD MAX1488ECSD MAX1488EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver 【15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver 15kV ESD-Protected / Quad / Low-Power RS-232 Line Driver Quad, Low-Power RS-232 Line Driver(卤12V锛??5KVESD淇??锛?20kbps锛?S-232椹卞???
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX530BCAGT MAX520ACWE MAX531ACSDT MAX5184ETG MAX5 |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO24 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs QUAD, SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDSO16 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14 10-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 0.025 us SETTLING TIME, 10-BIT DAC, QCC24 5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDIP24 2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDIP8 8-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, 8 BITS INPUT LOADING, 0.025 us SETTLING TIME, 8-BIT DAC, PDSO24 Low-Power, Serial, 12-Bit DACs with Force-Sense Voltage-Output SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO16 Octal, Serial, 8-Bit DAC with Output Buffers OCTAL, SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO24 QUAD, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 Octal, 14-Bit, Voltage-Output DAC with Parallel Interface for ATE QUAD, PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
CD40109BMS FN3196 CD40109BDMSR |
4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDIP16 CMOS Quad Low-to-High Voltage Level Shifter 的CMOS四路低到高电压电平转换器 From old datasheet system Level Shifter, Low to High, Quad, Rad-Hard, CMOS, Logic
|
TOKO, Inc. INTERSIL[Intersil Corporation]
|
ICM7563M ICM7543 ICM7543M ICM7543MG ICM7523 ICM752 |
12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
|
IC MICROSYSTEMS
|
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
|